Part Number Hot Search : 
MM1385 LA4275 MA4E2513 6N136 U1451A 50002 T89C5115 PRODUCTS
Product Description
Full Text Search
 

To Download TM100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 L U M I N IS
1 2 3 4 5
Bollard
Specification
TOTEM
TM100
All exposed cast aluminum components are made of non corrosive pure aluminum copper free (Aluminum is less than .1% copper content.#356 alloy.) Finish: All polyester powder baked coatings preceded with a 5 baths preparation process. Meets military grade MIL-C781706 with a 2000 hours salt spray test. - Pulse rated medium base porcelain socket. - 75W/600V thermoplastic compact fluorescent socket. - One-piece molded silicone gasket with memory retention. - High power factor CWA ballast. Or 98% P.F.electronic smart ballast with end of life detection for compact fluorescent. - All stainless steel hardware. - All Moving and removable parts are sealed with a memory retention silicone gasket. 1 - One piece cast aluminum removable top louvered cover. 2- White translucent sealed diffuser cylinder. 3- Stainless steel recessed tamper proof cap screws. 4- Multiple cast aluminum louver assembly. 5- One piece cast aluminum base assembly. 6- 8" dia. extruded aluminum bollard stand. 7- Aluminum anchoring bollard base plate assembly.
6
7
8" 3" dia. Power supply 8" dia. 6" dia.
Photometry
Separate updated technical specification sheets with related models and light sources with I.E.S formatted photometry are available on www.luminis.com.
42"
90
3 X 5/8" dia. holes @120 deg.
60 30
Certification
UL. Wet Location.
Mounting
Set of (3) 1/2" -13 x 12" lg. galvanized anchor bolts .
For options details and specifications, please refer to page 103
Model#
Light source selection
Voltage
120 V Standard factory prewired (If no voltage is specified) For other voltages, please specify with catalog number. H.I.D. 208 V 240 V 277 V 347 V Note: 50W.HPS is available with 120/277V only.
Finish
(Refer to color chart) Standard selection WHT:Snow white BKT: Jet black BZT: Bronze GRT: Titanium gray DGT: Gun metal CHT: Champagne MST: Matte silver GNT: Forest green Optional colors CS: Custom color RAL: RAL# color
Options
Electrical Fuse 120/277V photo cell. 347V photo cell. Standby lamp socket. H.I.D. lamp restrike
MH (ED17) M50 M70 M100 TM100 HPS (ED17) H50 H70 H100
CF (Gx24q) Single lamp F132 F142 F157 F170 F185 CF (Gx24q) Two lamp F226 F232 F242
FS: PH1: PH2: QS: QRS:
COMP. FLUO. Smart ballast 120/277 347 V (To specify)
(Lamps by others)
Luminaires may be altered for design improvements or discontinued without prior notice.
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309 LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Tel: 954 .717 .4155 Fax: 954 . 717.4157 Toll free: 888 .401 .6999
Web: www.luminis.com
Sept. 2006
Page 138


▲Up To Search▲   

 
Price & Availability of TM100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X